Part Number Hot Search : 
B0312AG1 STK4182 GUF30J 74HC4060 PLL60 TLV3125 PD035VL1 0603L010
Product Description
Full Text Search
 

To Download ECS-3961 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ECS-3961/3963 SERIES
SMD CLOCK OSCILLATOR
The ECS-3961 (5V) and ECS-3963 (3V) is our smallest crystal controlled low-current clock oscillator. This subminiature, very low profile leadless ceramic package is ideal for todays SMD manufacturing environment. Package is seam welded with a metal lid.
FEATURES
* 3x5 mm footprint * SMD * 3 & 5V versions * Seam welded package * Tape and Reel (1,000 pcs) * PbFree/RoHS Compliant
PART NUMBERING GUIDE "EXAMPLE"
MANUFACTURER ECS - SERIES 3961 - FREQUENCY (14.4 MHz) 144 - (STABILITY TOLERANCE (A=100 PPM) A
Sample Part Number: ECS-3961-144-A
OPERATING CONDITIONS/ELECTRICAL CHARACTERISTICS
PARAMETERS FREQUENCY RANGE FREQUENCY STABILITY** OPERATING TEMPERATURE STORAGE TEMPERATURE INPUT VOLTAGE VCC INPUT CURRENT OUTPUT SYMMETRY RISE AND FALL TIMES LOGIC "0" LEVEL LOGIC "1" LEVEL LOAD START-UP 2.5 ~ 35.0 MHz 35.0 ~ 50.0 MHz 1.8 ~ 36.0 MHz @ 1/2 VCC Level VCC x 0.1V max. VCC x 0.9V max. 15 10 15 10 pF ms Option (A) Option (B) Option (C)** CONDITIONS MIN 2.500 -100 -50 -25 -10 -55 +4.5 ECS-3961 (5V) TYP MAX 35.000 +100 +50 +25 +70 +125 +5.5 15 60/40 10 MIN 2.500 -100 -50 -25 -10 -55 +2.7 ECS-3963 (3.0V) TYP MAX 66.666 +100 +50 +25 +70 +125 +3.3 10 15 20 60 10 UNITS MHz PPM PPM PPM C C V DC mA mA mA % ns
+5
+3.0
40/60
50 4
40
50 4
* Inclusive of 25C tolerance, operating temperature range, input voltage change, load change, aging shock and vibration. ** Reduced operating temperature with option C (25 PPM) -10 ~ +60C *** An internal pullup resistor from pin 1 to 4 allows active output if pin 1 is left open.
PACKAGE DIMENSIONS (mm)
1.2
4 3 1 2
TR TF
3.2 0.1
1 LEVEL
ECS-3961 (5V) Standby Control Voltage PIN #1 = OPEN*** #3 = OUTPUT #3 = OUTPUT PIN #1 = +3.5V MIN #3 = NO OSCILLATION PIN #1 = 1.5V MAX
90% VCC
1.0
1/2 VCC 10% VCC 0 LEVEL 0 VDC t T
1
5.0 0.12 2
1.0 0.1
4
3
2.54
ECS-3963 (3V) Standby Control Voltage PIN #1 = OPEN*** #3 = OUTPUT #3 = OUTPUT PIN #1 = +2.1V MIN #3 = NO OSCILLATION PIN #1 = 0.9V MAX PIN CONNECTIONS #1 TRI-STATE*** #2 GND #3 OUTPUT #4 VCC
Figure 1) ECS-3961/3963 Series Top, Side and Bottom Views
Test Point
Figure 2) Output Waveform
2.5
VCC
A
#4
2.3
DC Power Supply
STANDBY
0.01F
STANDBY SW
1.6
1.6
CL: Including fixture and probe capacitance.
Figure 3) Test Curcuit
O.9
1.5
V
#1
GND
#2
CL
O.8
VCC
#3 OUTPUT
1.5
Figure 4) Land Pattern
ECS, INC. INTERNATIONAL 1105 S. RIDGEVIEW, OLATHE, KS 66062 * 913-782-7787 * 800-237-1041 * FAX 913-782-6991 * WWW.ECSXTAL.COM SMD OSCILLATORS 46 SMD OSCILLATORS


▲Up To Search▲   

 
Price & Availability of ECS-3961

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X